Part Number Hot Search : 
16FF56 ATTIN ADM148 BPC250 1MBI1600 LFZ28V02 Y6215 MAZ7200
Product Description
Full Text Search
 

To Download BM-20EG57ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BM-20EG57ND
1. 2. 3. 4. 5. 6. 7. 8. 9.
Features :
2.00 inch (53.2mm) matrix height. Dot size 5.0 mm. Low power requirement. Excellent characters appearance. Solid state reliability. Multiplex drive , column cathode com. and row anode com. Multi color available. Categorized for luminous intensity. Stackable vertically and horizontally.
Package Dimensions :
1. 2.
Description :
The BM-20EG57ND is a 53.2mm (2.00") matrix height 5x7 dot matrix display. This product use hi-eff red chips and green chips ,the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate. Notes: 1. All dimensions are in millimeters(inches). 2. Tolerance is 0.25mm(.01")unless otherwise specified. 3. Specifications are subject to change without notice.
3. 4.
This product have a black face and white dots. This product doesn't contain restriction substance, comply ROHS standard.
Internal Circuit Diagram :
http://www.brtled.com
Ver.2.0 Page 1 of 3
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BM-20EG57ND
Absolute Maximum Ratings(Ta=25) Parameter
Power Dissipation Per Dot Forward Current Per Dot Peak Forward Current Per Dot Reverse Voltage Per Dot Operating Temperature Storage Temperature Soldering Temperature (1/16" From Body)
Symbol
Pd IF IFP (Duty 1/10, 1KHZ) VR Topr Tstg Tsol
Hi-Eff Red Rating
80 30 150 5
Green Rating
80 30 150
Unit
mW mA mA V -
-40~80 -40~85 260 For 5 Seconds
Electrical And Optical Characteristics(Ta=25) Hi-Eff Red Parameter
Forward Voltage Per Dot Luminous Intensity Per Dot Reverse Current Per Dot Peak Wave Length Dominant Wave Length Spectral Line Half-width
Symbol Condition
VF Iv IR p d IF=10mA IF=10mA VR=5V IF=10mA IF=10mA IF=10mA
Min.
626 -
Typ.
1.9 12.0 640
Max.
2.5 100 636
Unit
V mcd A nm nm nm
40
-
Green Parameter
Forward Voltage Per Dot
Symbol Condition
VF Iv IR IF=10mA
Min.
-
Typ.
2.1
Max.
2.5 -
Unit
V mcd A nm nm nm
Luminous Intensity Per Dot Reverse Current Per Dot Peak Wave Length
http://www.brtled.com
IF=10mA VR=5V 12.0 p IF=10mA 568 30 d IF=10mA IF=10mA 567 -
100
Dominant Wave Length Spectral Line Half-width
572
Ver.2.0 Page 2 of 3
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BM-20EG57ND
Typical Electro-Optical Characteristics Curves
(25 Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength (E) (G)
1.0
Relative Radiant Intensity
0.5
0 530
560
590
Wavelength(nm)
620
650
680
710
Relative Luminous Intensity (@20mA)
3 4 5
50
Fig.2 Forward Current VS. Forward Voltage
3.0 2.5 2.0 1.5 1.0 0.5
Fig.3 Relative Luminous Intensity VS. Ambient Temperature
Forward Current (mA)
40 30 20
(G) (E)
10 0
1
2
Forward Voltage (V) Fig.4 Relative Luminous Intensity VS. Forward Current
(G) (E)
0 -40
Ambient Temperature Ta( C) Fig.5 Forward Current Derating Curve VS. Ambient Temperature
-20
0
20
40
60
Relative Luminous Intensity (@20mA)
2.0
50 40 30
1.5 1.0
Forward Current(mA)
http://www.brtled.com
20 0.5 0 10 20 30 40 50 10 0
Forward Current(mA)
Ambient Temperature Ta( C)
20
40
60
80
100 120
Ver.2.0 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of BM-20EG57ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X